| データシートサーチシステム |
|
STM106845F38F データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM106845F38F データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() DC and AC characteristics STM1068 14/22 5 DC and AC characteristics This section summarizes the operating measurement conditions and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow are derived from tests performed under the measurement conditions summarized in Table 5: Operating and AC measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 11. Waveforms Note: VIN assumed to be from 1.65 V to 5.5 V. No VIN means no signal on OUT pin. If there is no VCC then there will be no VIN. Table 5. Operating and AC measurement conditions Parameter Condition Unit VCC supply voltage 2.7 to 5.5 V Ambient operating temperature (TA) –30 to 85 °C Input rise and fall times ≤ 5ns OUT follows V IN OUT follows V IN POX follows PKX VCC (VBAT) ~2.3V VTH- VTH+ ~2.1V VEN-IL VEN-IH EN (VBUS) INH VIN OUT POX ai13962 OUT follows V IN |