データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74V1G07STR データシート(PDF) 4 Page - STMicroelectronics

部品番号 74V1G07STR
部品情報  SINGLE BUFFER (OPEN DRAIN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G07STR データシート(HTML) 4 Page - STMicroelectronics

  74V1G07STR Datasheet HTML 1Page - STMicroelectronics 74V1G07STR Datasheet HTML 2Page - STMicroelectronics 74V1G07STR Datasheet HTML 3Page - STMicroelectronics 74V1G07STR Datasheet HTML 4Page - STMicroelectronics 74V1G07STR Datasheet HTML 5Page - STMicroelectronics 74V1G07STR Datasheet HTML 6Page - STMicroelectronics 74V1G07STR Datasheet HTML 7Page - STMicroelectronics 74V1G07STR Datasheet HTML 8Page - STMicroelectronics 74V1G07STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74V1G07
4/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
TEST CIRCUIT
CL = 15/50pF or equivalent (includes jig and probe capacitance)
R1 =1KΩ or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
4
10
10
10
pF
COUT
Output
Capacitance
510
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
3pF



Html Pages

1 2 3 4 5 6 7 8 9