データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM1404CSOBQ6F データシート(PDF) 18 Page - STMicroelectronics

部品番号 STM1404CSOBQ6F
部品情報  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSOBQ6F データシート(HTML) 18 Page - STMicroelectronics

Back Button STM1404CSOBQ6F Datasheet HTML 14Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 15Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 16Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 17Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 18Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 19Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 20Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 21Page - STMicroelectronics STM1404CSOBQ6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Typical operating characteristics
STM1404
18/36
5
Typical operating characteristics
Note:
Typical values are at TA = 25°C.
Figure 11.
VBAT -to-VOUt on-resistance vs. temperature
Figure 12.
Supply current vs. temperature (no load)
100
120
140
160
180
200
220
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
VBAT = 2V
VBAT = 3V
VBAT = 3.3V
VCC = 0V
AI09691
0
5
10
15
20
25
30
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE [
°C]
2.5V
3.3V
3.6V
AI09692



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35