データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74V1T66STR データシート(PDF) 9 Page - STMicroelectronics

部品番号 74V1T66STR
部品情報  SINGLE BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T66STR データシート(HTML) 9 Page - STMicroelectronics

Back Button 74V1T66STR Datasheet HTML 3Page - STMicroelectronics 74V1T66STR Datasheet HTML 4Page - STMicroelectronics 74V1T66STR Datasheet HTML 5Page - STMicroelectronics 74V1T66STR Datasheet HTML 6Page - STMicroelectronics 74V1T66STR Datasheet HTML 7Page - STMicroelectronics 74V1T66STR Datasheet HTML 8Page - STMicroelectronics 74V1T66STR Datasheet HTML 9Page - STMicroelectronics 74V1T66STR Datasheet HTML 10Page - STMicroelectronics 74V1T66STR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74V1T66
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
3.13
3.23
3.33
0.123
0.127
0.131
Bo
3.07
3.17
3.27
0.120
0.124
0.128
Ko
1.27
1.37
1.47
0.050
0.054
0.0.58
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
3.9
4.0
4.1
0.153
0.157
0.161
Tape & Reel SOT23-xL MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11