データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS431 データシート(PDF) 4 Page - STMicroelectronics

部品番号 TS431
部品情報  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 データシート(HTML) 4 Page - STMicroelectronics

  TS431_07 Datasheet HTML 1Page - STMicroelectronics TS431_07 Datasheet HTML 2Page - STMicroelectronics TS431_07 Datasheet HTML 3Page - STMicroelectronics TS431_07 Datasheet HTML 4Page - STMicroelectronics TS431_07 Datasheet HTML 5Page - STMicroelectronics TS431_07 Datasheet HTML 6Page - STMicroelectronics TS431_07 Datasheet HTML 7Page - STMicroelectronics TS431_07 Datasheet HTML 8Page - STMicroelectronics TS431_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
TS431
4/12
Figure 2.
Reference voltage vs. temperature
Figure 3.
Test circuit for VKA = Vref
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
1.228
1.232
1.236
1.24
1.244
1.248
1.252
Vka = Vref
Ik = 100 µA
Input
Vka
Vref
Ik
Output
Figure 4.
Cathode voltage vs. cathode
current
Figure 5.
Cathode voltage vs. cathode
current
-1
-0.5
0
0.5
1
1.5
Vka Cathode voltage (V)
-15
-10
-5
0
5
10
15
Vka = Vref
T = 25°C
0
102030
405060
Ika Cathode current (µA)
0
0.5
1
1.5
-40°C
+25°C
+85°C
+125°C
Figure 6.
Reference input current vs.
temperature
Figure 7.
Static impedance vs. temperature
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
20
40
60
80
100
Ik = 10mA
R1 = 10 K
Ω
R2 = +
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
0.1
0.2
0.3
0.4
Vka = Vref
Ik = 100µA to 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12