| データシートサーチシステム |
|
STWD100PPWY3F データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWD100PPWY3F データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 25 page ![]() Operation STWD100 8/25 Figure 4. Open drain WDO output connection 2.3 Chip-enable input (EN) All states mentioned in Section 2.1: Watchdog input (WDI) and Section 2.2: Watchdog output (WDO) are valid under the condition that EN is in logical low state. The behavior of EN is common to all versions (i.e. STWD100xP, STWD100xW, STWD100xX and STWD100xY). If the EN goes high after power-up in less than tWD from the moment that VCC exceeds the timer startup voltage, VSTART, the WDO will stay high for the same time period as EN, plus tWD (see Figure 10). If the EN goes high anytime during normal operation, the WDO will go high as well, but the minimum possible WDO pulse width is 10 µs (see Figure 10). The pulses on the EN pin with a duration of at least 1 µs are detected and glitches shorter than 100 ns are ignored. 2.4 Applications information 2.4.1 Interfacing to microprocessors with bidirectional reset pins Microprocessors with bidirectional reset pins can contend with the STWD100 watchdog output, WDO. For example, if the WDO output is driven high and the micro wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7 k Ω resistor between the WDO output and the micro's reset I/O as in Figure 5. VCC GND WDI EN +3.3 V 10 k GND AI12645a +5.0 V 5 V System WDO STWD100 |