| データシートサーチシステム |
|
TS431BILT データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS431BILT データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 12 page ![]() TS431 Ordering information 11/12 4 Ordering information 5 Revision history Table 4. Order codes Part number Temperature range Package Packing Marking TS431ILT -40°C, + 125°C SOT23-5 Tape & reel L272 TS431AILT L271 TS431BILT L270 TS431IYLT(1) SOT23-5 (automotive grade level) L274 TS431AIYLT(1) L276 TS431BIYLT(1) L273 TS431IZ/IZT/IZ-AP TO92 Bulk (Z), Tape & reel (ZT) or Ammo pack (AP) TS431I TS431AIZ/AIZT/AIZ-AP TS431AI TS431BIZ/BIZT/BIZ-AP TS431BI 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going. Table 5. Document revision history Date Revision Changes 1-Sep-2003 1 Initial release. 1-Oct-2005 2 PPAP references inserted in the datasheet. See the order codes table. Minor changes to formatting and grammar. 2-Jan-2006 3 TS431AIYLT PPAP reference inserted. See the order codes table. 22-Sep-2006 4 Included footnote on automotive grade qualification to order codes table. Updated package information (changed mils to inches). 25-Apr-2007 5 Resized graphics on cover page. Moved definition of output voltage change from Table 3 footnote to separate section below table. Corrected errors in SOT23-5 package mechanical data. Removed erroneous drawing for TO92 tape & reel package. 30-Aug-2007 6 Updated drawing for TO92 bulk package. Modified footnote related to automotive grade qualification in Table 4: Order codes, and re-ordered order codes. |