| データシートサーチシステム |
|
STWD100NXW83F データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWD100NXW83F データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 25 page ![]() DC and AC parameters STWD100 16/25 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the measurement conditions summarized in Table 3. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 3. Operating and AC measurement conditions Parameter Value Unit VCC supply voltage 2.7 to 5.5 V Ambient operating temperature (TA) –40 to 125 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V |