データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USBLC6-2SC6 データシート(PDF) 7 Page - STMicroelectronics

部品番号 USBLC6-2SC6
部品情報  Very low capacitance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6 データシート(HTML) 7 Page - STMicroelectronics

Back Button USBLC6-2SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 10Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
USBLC6-2
Technical information
7/14
Figure 12.
Analog crosstalk measurements
Figure 12. shows the measurement circuit for the analog application. In usual frequency
range of analog signals (up to 240 MHz) the effect on disturbed line is less than -55 db ( see
Figure 13.).
Figure 13.
Analog crosstalk results
As the USBLC6-2 is designed to protect high speed data lines, it must ensure a good
transmission of operating signals. The frequency response (Figure 5.) gives attenuation
information and shows that the USBLC6-2 is well suitable for data line transmission up to
480 Mbit/s while it works as a filter for undesirable signals like GSM (900 MHz) frequencies,
for instance.
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
Vbus
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14