データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USBLC6-4SC6 データシート(PDF) 11 Page - STMicroelectronics

部品番号 USBLC6-4SC6
部品情報  Very low capacitance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6 データシート(HTML) 11 Page - STMicroelectronics

Back Button USBLC6-4SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 10Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 11Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 12Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
USBLC6-4
Package information
11/13
4
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Table 3.
SOT23-6L dimensions
REF.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.004
0.008
D
2.80
3.05
0.110
0.120
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
0°
10°
0°
10°
Figure 20.
SOT23-6L footprint (mm)
Figure 21.
SOT23-6L marking
A2
A
L
H
c
b
E
D
e
e
A1
θ
0.60
0.95
2.30
3.50
1.20
1.10
y w w
e3
z
x x x
e3: ECOPACK (Leadfree)
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13