データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VT5376 データシート(PDF) 6 Page - STMicroelectronics

部品番号 VT5376
部品情報  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 データシート(HTML) 6 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 2Page - STMicroelectronics VT5376 Datasheet HTML 3Page - STMicroelectronics VT5376 Datasheet HTML 4Page - STMicroelectronics VT5376 Datasheet HTML 5Page - STMicroelectronics VT5376 Datasheet HTML 6Page - STMicroelectronics VT5376 Datasheet HTML 7Page - STMicroelectronics VT5376 Datasheet HTML 8Page - STMicroelectronics VT5376 Datasheet HTML 9Page - STMicroelectronics VT5376 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Motion performance
VT5376
6/30
which is exactly the same as the IDLE modes except that the system wakes up only every
500 ms to check motion activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30