データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC126TTR データシート(PDF) 9 Page - STMicroelectronics

部品番号 74VHC126TTR
部品情報  QUAD BUS BUFFERS (3-STATE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC126TTR データシート(HTML) 9 Page - STMicroelectronics

Back Button 74VHC126TTR Datasheet HTML 4Page - STMicroelectronics 74VHC126TTR Datasheet HTML 5Page - STMicroelectronics 74VHC126TTR Datasheet HTML 6Page - STMicroelectronics 74VHC126TTR Datasheet HTML 7Page - STMicroelectronics 74VHC126TTR Datasheet HTML 8Page - STMicroelectronics 74VHC126TTR Datasheet HTML 9Page - STMicroelectronics 74VHC126TTR Datasheet HTML 10Page - STMicroelectronics 74VHC126TTR Datasheet HTML 11Page - STMicroelectronics 74VHC126TTR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
74VHC126
9/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12