| データシートサーチシステム |
|
ST6208BB3/OTP データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208BB3/OTP データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 57/104 9.3 INSTRUCTION SET The ST6 offers a set of 40 basic instructions which, when combined with nine addressing modes, yield 244 usable opcodes. They can be di- vided into six different types: load/store, arithme- tic/logic, conditional branch, control instructions, jump/call, and bit manipulation. The following par- agraphs describe the different types. All the instructions belonging to a given type are presented in individual tables. Load & Store. These instructions use one, two or three bytes depending on the addressing mode. For LOAD, one operand is the Accumulator and the other operand is obtained from data memory using one of the addressing modes. For Load Immediate, one operand can be any of the 256 data space bytes while the other is always immediate data. Table 17. Load & Store Instructions Legend: X, Y Index Registers, V, W Short Direct Registers # Immediate data (stored in ROM memory) rr Data space register ∆ Affected * Not Affected Instruction Addressing Mode Bytes Cycles Flags ZC LD A, X Short Direct 1 4 ∆ * LD A, Y Short Direct 1 4 ∆ * LD A, V Short Direct 1 4 ∆ * LD A, W Short Direct 1 4 ∆ * LD X, A Short Direct 1 4 ∆ * LD Y, A Short Direct 1 4 ∆ * LD V, A Short Direct 1 4 ∆ * LD W, A Short Direct 1 4 ∆ * LD A, rr Direct 2 4 ∆ * LD rr, A Direct 2 4 ∆ * LD A, (X) Indirect 1 4 ∆ * LD A, (Y) Indirect 1 4 ∆ * LD (X), A Indirect 1 4 ∆ * LD (Y), A Indirect 1 4 ∆ * LDI A, #N Immediate 2 4 ∆ * LDI rr, #N Immediate 3 4 * * 1 |