| データシートサーチシステム |
|
STM6718MSGWB6F データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6718MSGWB6F データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 29 page ![]() Package mechanical data STM6717/6718/6719/6720/STM6777/6778/6779/6780 22/29 6 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 28. SOT23-5 – 5-lead small outline transistor package mechanical drawing Note: Drawing is not to scale. SOT23-5b C 0.10 A A2 A1 5x C D e1 e E A M CA B 5x b 0.20 1 B E1 C L θ Datum A 0.20 |