データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF03-SIM02M8 データシート(PDF) 6 Page - STMicroelectronics

部品番号 EMIF03-SIM02M8
部品情報  3 line IPAD, EMI filter for SIM card applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02M8 データシート(HTML) 6 Page - STMicroelectronics

Back Button EMIF03-SIM02M8 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 9Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
EMIF03-SIM02M8
6/10
Figure 15.
Tape and reel specification
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
4.00+/-0.1
4.00
φ 1.5 +/- 0.1
User direction of unreeling
0.75
1.70
2.0+/-0.05
4.00+/-0.1
4.00
φ 1.5 +/- 0.1
User direction of unreeling
0.75
1.70
2.0+/-0.05



Html Pages

1 2 3 4 5 6 7 8 9 10