データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF10-COM01F2 データシート(PDF) 6 Page - STMicroelectronics

部品番号 EMIF10-COM01F2
部品情報  10-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 データシート(HTML) 6 Page - STMicroelectronics

  EMIF10-COM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF10-COM01F2
6/7
Figure 14.
Flip Chip tape and reel specification
5
Ordering information
Table 3.
Ordering information
Note:
More information is available in the application notes:
AN1235: “Flip Chip: Package description and recommendations for use”
AN1751: "EMI Filters: Recommendations and measurements"
6
Revision history
Table 4.
Document revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
2.6
4 ± 0.1
Ø 1.5 ± 0.1
0.73 ± 0.05
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF10-COM01F2
FE
Flip Chip
8.3 mg
5000
Tape and reel
Date
Revision
Description of changes
14-Dec-2004
1
First issue.
08-Apr-2005
2
Die shrink.
19-Oct-2005
3
Replaced Figures 3 and 13. Added ECOPACK
statement.
03-Apr-2006
4
Reformatted to current standard. Pin identification in
Figure 1 updated.
17-Apr-2008
5
Updated ECOPACK statement. Updated Figure 10,
Figure 11 and Figure 14. Reformatted to current
standards.



Html Pages

1 2 3 4 5 6 7