データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCF4054BEY データシート(PDF) 2 Page - STMicroelectronics

部品番号 HCF4054BEY
部品情報  4 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER WITH STROBED LATCH FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4054BEY データシート(HTML) 2 Page - STMicroelectronics

  HCF4054BEY Datasheet HTML 1Page - STMicroelectronics HCF4054BEY Datasheet HTML 2Page - STMicroelectronics HCF4054BEY Datasheet HTML 3Page - STMicroelectronics HCF4054BEY Datasheet HTML 4Page - STMicroelectronics HCF4054BEY Datasheet HTML 5Page - STMicroelectronics HCF4054BEY Datasheet HTML 6Page - STMicroelectronics HCF4054BEY Datasheet HTML 7Page - STMicroelectronics HCF4054BEY Datasheet HTML 8Page - STMicroelectronics HCF4054BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4054B
2/11
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X = Don’t Care.
(*) Depends upon the input mode previously applied when ST=1.
PIN No
SYMBOL
NAME AND FUNCTION
6, 5, 4, 3
OUT1 to
OUT4
Outputs
9, 11, 13, 15
IN1 to IN4
Inputs
10, 12, 14, 1
STROBE1
STROBE4
Strobe Input
2
DISPLAY
FREQ. IN
Display Frequency Input
7
VEE
Negative Supply Voltage
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
DF
IN
STROBE
OUT
LL
H
L
HLH
H
LH
H
H
HHH
L
XX
L
*
can be converted to output signal swings (VDD to
VEE) of +5V to -5V. The level shifted function
permits the use of different input and output signal
swings. The input swings from a low level of VSS
to a high level of VDD, while the outputs swings
from a low level of VEE to the same high level of
VDD . Thus, the input and output swings can be
selected independently of each other over a 3 to
18V range. VSS may be connected to VEE when
no
level-shift
function
is
required.
Data
is
transferred from input to output by placing a high
voltage level at the strobe input. A low voltage
level at the strobe input latches the data input and
the
corresponding
output
segments
remain
selected (or non selected) while the strobe is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11