| データシートサーチシステム |
|
ST6208BD3/OTP データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208BD3/OTP データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 86/104 CONTROL PIN CHARACTERISTICS (Cont’d) Figure 70. Typical Application with RESET pin 8) 10.9.2 NMI Pin Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Notes: 1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V. 2. Data based on characterization results, not tested in production. 3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested. 4. The Rpull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results, not tested in production. Figure 71. Typical Rpull-up vs. VDD with VIN=VSS 0.1 µF VDD 0.1 µF VDD 4.7k Ω EXTERNAL RESET CIRCUIT 7) fINT RESET WATCHDOG RESET LVD RESET INTERNAL RESET RESD 1) VDD RPU STOP MODE Symbol Parameter Conditions Min Typ 1) Max Unit VIL Input low level voltage 2) 0.3xVDD V VIH Input high level voltage 2) 0.7xVDD Vhys Schmitt trigger voltage hysteresis 3) 200 400 mV Rpull-up Weak pull-up equivalent resistor 4) VIN=VSS VDD=5V 40 100 350 k Ω VDD=3.3V 80 200 700 34 5 6 VDD [V] 50 100 150 200 250 300 Rpull-up [Kohm] Ta=-40°C Ta=25°C Ta=95°C Ta=125°C 1 |