| データシートサーチシステム |
|
LCDP1521 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCDP1521 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() 2 Characteristics LCDP1521 4/11 Figure 1. Repetitive peak pulse current 2.4 Parameters related to the diode line / GND (Tamb = 25°C) Note: 1 See test circuit for VFP; RS is the protection resistor located on the line card. 2.5 Parameters related to the protection thyristor (Tamb = 25°C unless otherwise specified) 2 See functional holding current (IH) test circuit 3 See test circuit for VDGL. The oscillations with a time duration lower than 50ns are not taken into account tr: rise time (µs) tp: pulse duration (µs) ex: Pulse waveform 10/1000 µs tr = 10µs tp = 1000 µs Symbol Test conditions Max Unit VF IF = 1 A t = 500 µs 2 V VFP (Note 1) 10/700 µs 1.2/50 µs 2/10 µs 1.5 kV 1.5 kV 2.5 kV RS = 110 Ω RS = 60 Ω RS = 245 Ω IPP = 10 A IPP = 15 A IPP = 10 A 5 10 20 V Symbol Test conditions Min Max Unit IGT VGND / LINE = -48 V 0.1 5 mA IH VGATE = -48 V (Note 2) 150 mA VGT at IGT 2.5 V IRG VRG = -150 V VRG = -150 V Tc=25°C Tc=85°C 5 50 µA VDGL VGATE = -48 V (Note 3) 10/700 µs 1.2/50 µs 2/10 µs 1.5 kV 1.5 kV 2.5 kV RS = 110 Ω RS = 60 Ω RS = 245 Ω IPP = 10 A IPP = 15 A IPP = 10 A 5 10 20 V 100 50 %IPP t t t r p 0 |