| データシートサーチシステム |
|
LCDP1521RL データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCDP1521RL データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() 1 Compliant with the following standards LCDP1521 2/11 1 Compliant with the following standards 2 Characteristics 2.1 Thermal resistance STANDARD Peak Surge Voltage (V) Voltage Waveform Required peak current (A) Current Waveform Minimum serial resistor to meet standard ( Ω) GR-1089 Core First level 2500 1000 2/10 µs 10/1000 µs 500 100 2/10 µs 10/1000 µs 31 40 GR-1089 Core Second level 5000 2/10 µs 500 2/10 µs 62 GR-1089 Core Intra-building 1500 2/10 µs 100 2/10 µs 7 ITU-T-K20/K21 6000 1500 10/700 µs 150 37.5 5/310 µs 200 20 ITU-T-K20 (IEC61000-4-2) 8000 15000 1/60 ns ESD contact discharge ESD air discharge 0 0 VDE0433 4000 2000 10/700 µs 100 50 5/310 µs 120 40 VDE0878 4000 2000 1.2/50 µs 100 50 1/20 µs 27 0 IEC61000-4-5 4000 4000 10/700 µs 1.2/50 µs 100 100 5/310 µs 8/20 µs 120 27 FCC Part 68, lightning surge type A 1500 800 10/160 µs 10/560 µs 200 100 10/160 µs 10/560 µs 43 32 FCC Part 68, lightning surge type B 1000 9/720 µs 25 5/320 µs 0 Symbol Parameter Value Unit Rth (j-a) Junction to ambient 170 °C/W |