| データシートサーチシステム |
|
LD3980PM13R データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD3980PM13R データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Maximum ratings LD3980 4/16 2 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input voltage -0.3 to 4.6 V VO DC Output voltage -0.3 to VI +0.3 V VSHDN Shutdown input voltage -0.3 to VI +0.3 V VRESET Reset output voltage -0.3 to VI +0.3 V IO Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 85 °C |