| データシートサーチシステム |
|
LD3980PM18R データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD3980PM18R データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() LD3980 Pin configuration 3/16 1 Pin configuration Figure 1. Pin connections Table 1. Pin description Pin N° Symbol Name and function 1 OUT Output Voltage of the LDO 2, 3 NC Not connected 4 GND Common ground. 5 SHDN SHUTDOWN Input Voltage: Active-Low Shutdown input. A logic Low reduces supply current to below 1µA. Connect to IN or logic high for normal operation 6 IN Input Voltage of the LDO Table 2. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient 55 °C/W |