| データシートサーチシステム |
|
LDR1833PT-R データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDR1833PT-R データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Pin configuration LDR1833 - LDR2533 4/16 2 Pin configuration Figure 2. Pin connections (top view) PPAK Table 2. Pin description Pin n° Symbol Name and function 3 GND Ground pin 2VI1 Input 1 supply pin. Bypass with a 2.2µF capacitor to GND 1VI2 Input 2 supply pin. Bypass with a 2.2µF capacitor to GND 4VO1 Output 1 pin. Bypass with a 4.7µF capacitor to GND port 5VO2 Output 2 pin. Bypass with a 4.7µF capacitor to GND port |