| データシートサーチシステム |
|
LM134 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM134 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() Schematic diagram LM134-LM234-LM334 2/16 1 Schematic diagram Figure 1. Schematic diagram 2 Absolute maximum ratings Table 1. Absolute maximum ratings Symbol Parameter LM134 LM234 LM334 Unit Voltage V+ to V- Forward Reverse 40 20 30 20 V VADJ - ADJ pin to V- voltage 5 V Iset Set current 10 mA Ptot Power dissipation 400 mW Tstg Storage temperature range -65 to +150 °C Toper Operating free-air temperature range -55 to +125 -25 to +100 0 to +70 °C |