| データシートサーチシステム |
|
LM134DT データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM134DT データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 16 page ![]() LM134-LM234-LM334 Ordering information 15/16 6 Ordering information 7 Revision history Table 3. Order codes Part number Temperature range Package Packing Marking LM134D/DT -55°C to +125°C SO-8 Tube or Tape & reel LM134 LM134Z/ZT/AP -55°C to +125°C TO-92 Bulk or Tape & reel or Ammopack LM134 LM234D/DT -25°C to +100°C SO-8 Tube or Tape & reel LM234 LM234Z/ZT/AP -24°C to +100°C TO-92 Bulk or Tape & reel or Ammopack LM234 LM334D/DT -0°C to +70°C SO-8 Tube or Tape & reel LM334 LM334Z/ZT/AP -0°C to +70°C TO-92 Bulk or Tape & reel or Ammopack LM334 LM334AD/ADT -0°C to +70°C SO-8 Tube or Tape & reel LM334A LM334AZ/AZT/AAP -0°C to +70°C TO-92 Bulk or Tape & reel or Ammopack LM334A Date Revision Changes 2-May-2003 1 Initial release. 28-Oct-2005 2 Internal revision. 29-May-2007 3 Corrected error in pinout diagram for TO-92 package on cover page (it is a bottom view, not a top view). Updated Section 5: Package information and expanded Table 3: Order codes. |