データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LE40CZ データシート(PDF) 36 Page - STMicroelectronics

部品番号 LE40CZ
部品情報  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE40CZ データシート(HTML) 36 Page - STMicroelectronics

Back Button LE40CZ Datasheet HTML 31Page - STMicroelectronics LE40CZ Datasheet HTML 32Page - STMicroelectronics LE40CZ Datasheet HTML 33Page - STMicroelectronics LE40CZ Datasheet HTML 34Page - STMicroelectronics LE40CZ Datasheet HTML 35Page - STMicroelectronics LE40CZ Datasheet HTML 36Page - STMicroelectronics LE40CZ Datasheet HTML 37Page - STMicroelectronics LE40CZ Datasheet HTML 38Page - STMicroelectronics LE40CZ Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package mechanical data
LExxAB LExxC
36/39
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
4.80
0.189
T
3.80
0.150
T1
1.60
0.063
T2
2.30
0.091
d0.48
0.019
P0
12.5
12.9
0.492
0.508
P2
5.65
7.05
0.222
0.278
F1, F2
2.44
2.54
2.94
0.096
0.100
0.116
delta H
±2
0.079
W
17.5
18.00
19.0
0.689
0.709
0.748
W0
5.7
6.3
0.224
0.248
W1
8.5
9.25
0.3350.364
W2
0.50
0.20
H18.50
18.70
0.728
0.726
H0
15.50
16.50
0.610
0.650
H1
25.00
0.984
D0
3.8
4.2
0.150
0.165
t0.900.035
L1
3
0.118
delta P±1
0.039
u
50
1.968
Φ1
360
14.173
Φ2
301.181
Tape & reel for TO-92 mechanical data
W
W1
W0
W2
A1
d
D0
H1
H
H0
L
l1
F1 F2
P2
P0
delta P
delta H
T2
T1
T
t
DRAWING NOT IN SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39