データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4941BV データシート(PDF) 11 Page - STMicroelectronics

部品番号 L4941BV
部品情報  Very low drop 1A regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941BV データシート(HTML) 11 Page - STMicroelectronics

Back Button L4941BV Datasheet HTML 7Page - STMicroelectronics L4941BV Datasheet HTML 8Page - STMicroelectronics L4941BV Datasheet HTML 9Page - STMicroelectronics L4941BV Datasheet HTML 10Page - STMicroelectronics L4941BV Datasheet HTML 11Page - STMicroelectronics L4941BV Datasheet HTML 12Page - STMicroelectronics L4941BV Datasheet HTML 13Page - STMicroelectronics L4941BV Datasheet HTML 14Page - STMicroelectronics L4941BV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L4941
Schematic application
11/17
7
Schematic application
ADVANTAGES OF THESE APPLICATION ARE:
On card regulation with short-circuit and thermal protection on each output.
Vary high total system efficiency due to the switching preregulation and very low-drop postregulation.
Figure 21.
Distributed supply with On-card L4940 and L4941 low drop regulator
Figure 22.
Distributed Supply with On-card L4940 and L4941 low drop regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17