データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78S09CV データシート(PDF) 23 Page - STMicroelectronics

部品番号 L78S09CV
部品情報  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09CV データシート(HTML) 23 Page - STMicroelectronics

Back Button L78S09CV Datasheet HTML 19Page - STMicroelectronics L78S09CV Datasheet HTML 20Page - STMicroelectronics L78S09CV Datasheet HTML 21Page - STMicroelectronics L78S09CV Datasheet HTML 22Page - STMicroelectronics L78S09CV Datasheet HTML 23Page - STMicroelectronics L78S09CV Datasheet HTML 24Page - STMicroelectronics L78S09CV Datasheet HTML 25Page - STMicroelectronics L78S09CV Datasheet HTML 26Page - STMicroelectronics L78S09CV Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
L78Sxx - L78SxxC
Typical performance
23/31
Note:
The circuit performs well up to 100 kHz.
Figure 32.
Reducing power dissipation with dropping resistor
R = ____________________
VI(min)-VXX-VDROP(max)
IO(max)+Id(max)
Figure 33.
Remote shutdown
Figure 34.
Power AM modulator (unity voltage gain, IO ≤1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31