データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRIS2K-A1T データシート(PDF) 39 Page - STMicroelectronics

部品番号 LRIS2K-A1T
部品情報  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1T データシート(HTML) 39 Page - STMicroelectronics

Back Button LRIS2K-A1T Datasheet HTML 35Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 36Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 37Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 38Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 39Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 40Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 41Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 42Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
LRIS2K
LRIS2K protocol description
39/102
Figure 37.
LRIS2K protocol timing
VCD
Request
frame
(Table 14)
Request
frame
(Table 14)
LRIS2K
Response
frame
(Table 15)
Response
frame
(Table 15)
Timing
t1
t2
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More