| データシートサーチシステム |
|
LE33ABZ-AP データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE33ABZ-AP データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 39 page ![]() LExxAB LExxC Electrical characteristics 27/39 Table 23. Electrical characteristics for LE80AB (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 10 mA, VI = 10 V 7.92 8 8.08 V IO = 10 mA, VI = 10 V, TA = -25 to 85°C 7.84 8.16 VI Operating input voltage IO = 100 mA 18 V IO Output current limit 150 mA ΔVO Line regulation VI = 8.7 to 18 V, IO = 0.5 mA 5 25 mV ΔVO Load regulation VI = 9 V, IO = 0.5 to 100 mA 3 15 mV Id Quiescent current VI = 9 to 18V, IO = 0mA ON MODE 0.7 1.6 mA VI = 9 to 18V, IO=100mA 1.7 3.6 VI = 9 V OFF MODE 70 140 µA SVR Supply voltage rejection IO = 5 mA, VI = 10 ± 1 V f = 120 Hz 72 dB f = 1 kHz 66 f = 10 kHz 57 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 100 mA 0.2 0.4 V IO = 100 mA, TA = -40 to 125°C 0.5 VIL Control input logic low TA = -40 to 125°C 0.8 V VIH Control input logic high TA = -40 to 125°C 2 V II Control input current VI = 9 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 100 mA 2 10 µF |