データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78S05CT データシート(PDF) 24 Page - STMicroelectronics

部品番号 L78S05CT
部品情報  2 A positive voltage regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05CT データシート(HTML) 24 Page - STMicroelectronics

Back Button L78S05CT Datasheet HTML 20Page - STMicroelectronics L78S05CT Datasheet HTML 21Page - STMicroelectronics L78S05CT Datasheet HTML 22Page - STMicroelectronics L78S05CT Datasheet HTML 23Page - STMicroelectronics L78S05CT Datasheet HTML 24Page - STMicroelectronics L78S05CT Datasheet HTML 25Page - STMicroelectronics L78S05CT Datasheet HTML 26Page - STMicroelectronics L78S05CT Datasheet HTML 27Page - STMicroelectronics L78S05CT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Typical performance
L78Sxx - L78SxxC
24/31
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 35.
Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE
Figure 36.
Light controllers (VOmin = VXX + VBE)
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31