| データシートサーチシステム |
|
AAT1275 データシート(PDF) 2 Page - Advanced Analogic Technologies |
|
|
|||||||||||||||||||||||||||||
AAT1275 データシート(HTML) 2 Page - Advanced Analogic Technologies |
|
2 / 19 page ![]() AAT1275 Boost Converter with USB Power Switch SwitchRegTM PRODUCT DATASHEET 2 1275.2008.04.1.7 www .analogictech.com AAT1275 Boost Converter with USB Power Switch SwitchRegTM PRODUCT DATASHEET 2 1275.2008.04.1.7 www .analogictech.com Pin Descriptions Pin Symbol Function TSOPJW-12 TDFN34-16 1 1, 16 LIN Switched power input. Connect an inductor between this pin and the SW pin. 2 3, 15 IN Supply input. Connect to VCC for proper operation. 3 13, 14 PGND Power ground. 4 11, 12 SW Switch pin. Boost inductor is connected between SW and LIN. 5 10 OUT1 Boost converter output. 6 9 OUT2 Load switch output. 7 8 SET Load switch current limit programming pin. Connect a set resistor between this pin and ground. 8 7 FLT Load switch over-current or over-temperature fault flag. Active low, open-drain out- put. A 10kΩ external pull-up resistor is recommended. 9 6 FB Boost converter voltage feedback pin. 10 5 GND Ground. 11 4 VCC Bias supply for the internal circuitry. Connect to IN for proper operation. 12 2 EN Enable pin, active high. EP Exposed paddle (bottom); connect to ground directly beneath the package. Pin Configuration TSOPJW-12 TDFN34-16 (Top View) (Top View) 1 2 3 4 5 6 12 11 10 9 8 7 LIN IN PGND SW OUT1 OUT2 EN VCC GND FB FLT SET IN VCC GND LIN EN 3 FB FLT SET PGND PGND SW LIN IN SW OUT1 OUT2 4 5 1 2 6 7 8 14 13 12 16 15 11 10 9 |