データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6562AD データシート(PDF) 22 Page - STMicroelectronics

部品番号 L6562AD
部品情報  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AD データシート(HTML) 22 Page - STMicroelectronics

Back Button L6562AD Datasheet HTML 18Page - STMicroelectronics L6562AD Datasheet HTML 19Page - STMicroelectronics L6562AD Datasheet HTML 20Page - STMicroelectronics L6562AD Datasheet HTML 21Page - STMicroelectronics L6562AD Datasheet HTML 22Page - STMicroelectronics L6562AD Datasheet HTML 23Page - STMicroelectronics L6562AD Datasheet HTML 24Page - STMicroelectronics L6562AD Datasheet HTML 25Page - STMicroelectronics L6562AD Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
L6562A
22/26
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26