データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6713A データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6713A
部品情報  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A データシート(HTML) 21 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 17Page - STMicroelectronics L6713A Datasheet HTML 18Page - STMicroelectronics L6713A Datasheet HTML 19Page - STMicroelectronics L6713A Datasheet HTML 20Page - STMicroelectronics L6713A Datasheet HTML 21Page - STMicroelectronics L6713A Datasheet HTML 22Page - STMicroelectronics L6713A Datasheet HTML 23Page - STMicroelectronics L6713A Datasheet HTML 24Page - STMicroelectronics L6713A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
L6713A
VID Tables
21/64
000100
1.4500
1
00100
0.7125
000101
1.4250
1
00101
0.7000
000110
1.4000
1
00110
0.6875
000111
1.3750
1
00111
0.6750
001000
1.3500
1
01000
0.6625
001001
1.3250
1
01001
0.6500
001010
1.3000
1
01010
0.6375
001011
1.2750
1
01011
0.6250
001100
1.2500
1
01100
0.6125
001101
1.2250
1
01101
0.6000
001110
1.2000
1
01110
0.5875
001111
1.1750
1
01111
0.5750
010000
1.1500
1
10000
0.5625
010001
1.1250
1
10001
0.5500
010010
1.1000
1
10010
0.5375
010011
1.0750
1
10011
0.5250
010100
1.0500
1
10100
0.5125
010101
1.0250
1
10101
0.5000
010110
1.0000
1
10110
0.4875
010111
0.9750
1
10111
0.4750
011000
0.9500
1
11000
0.4625
011001
0.9250
1
11001
0.4500
011010
0.9000
1
11010
0.4375
011011
0.8750
1
11011
0.4250
011100
0.8500
1
11100
0.4125
011101
0.8250
1
11101
0.4000
011110
0.8000
1
11110
0.3875
011111
0.7750
1
11111
0.3750
1.
VID6 not applicable, need to be left unconnected.
Table 10.
Voltage identifications (VID) codes for AMD 6 bit mode (See Note) (continued)
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage (1)
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64