データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6713ATR データシート(PDF) 57 Page - STMicroelectronics

部品番号 L6713ATR
部品情報  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713ATR データシート(HTML) 57 Page - STMicroelectronics

Back Button L6713ATR Datasheet HTML 53Page - STMicroelectronics L6713ATR Datasheet HTML 54Page - STMicroelectronics L6713ATR Datasheet HTML 55Page - STMicroelectronics L6713ATR Datasheet HTML 56Page - STMicroelectronics L6713ATR Datasheet HTML 57Page - STMicroelectronics L6713ATR Datasheet HTML 58Page - STMicroelectronics L6713ATR Datasheet HTML 59Page - STMicroelectronics L6713ATR Datasheet HTML 60Page - STMicroelectronics L6713ATR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
L6713A
Tolerance band (TOB) definition
57/64
23.4
Temperature measurement error (VTC)
Error in the measured temperature (for thermal compensation) impacts on the output
regulated voltage since the correction form the compensation circuit is not what required to
keep the output voltage flat.
The measurement error (
ε
Temp) must be multiplied by the copper temp coefficient (α) and
compared with the sensing resistance (RSENSE): this percentage affects the AVP voltage as
follow:
V
TC
αε
Temp
⋅
R
SENSE
------------------------ V
AVP
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64