データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6722 データシート(PDF) 5 Page - STMicroelectronics

部品番号 L6722
部品情報  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 データシート(HTML) 5 Page - STMicroelectronics

  L6722 Datasheet HTML 1Page - STMicroelectronics L6722 Datasheet HTML 2Page - STMicroelectronics L6722 Datasheet HTML 3Page - STMicroelectronics L6722 Datasheet HTML 4Page - STMicroelectronics L6722 Datasheet HTML 5Page - STMicroelectronics L6722 Datasheet HTML 6Page - STMicroelectronics L6722 Datasheet HTML 7Page - STMicroelectronics L6722 Datasheet HTML 8Page - STMicroelectronics L6722 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
L6722
1 Typical application circuit and block diagram
5/34
Figure 2.
Typical application circuit - droop enabled
L1
7
8
9
BOOT1
UGATE1
PHASE1
LGATE1
3
ISEN1
31
RISEN
HS1
LS1
L2
10
11
12
BOOT2
UGATE2
PHASE2
LGATE2
5
ISEN2
30
HS2
LS2
L3
13
14
15
BOOT3
UGATE3
PHASE3
LGATE3
6
ISEN3
29
RISEN
HS3
LS3
PGOOD
16
COUT
Vcc_core
LOAD
VSEN
34
FB
35
RFB
COMP
36
RF
CF
REF_IN
19
1, 26
OSC/INH/FLT
18
PGND
4
SGND
VCC
2
LIN
PGOOD
VIN
GNDIN
CIN
L6722 REFERENCE SCHEMATIC - droop
RISEN
REF_OUT
20
CS+
32
CS-
33
FBG
FBR
28
27
RD
CPH
to BOOT1
to BOOT2
to BOOT3
ROSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34