| データシートサーチシステム |
|
L6911E データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6911E データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() L6911E Device description 19/34 As shown in Figure 8 on page 18, the ESR drop is present in any case, but using the droop function the total deviation of the output voltage is minimized. In practice the droop function introduces a static error (Vdroop in Figure 8 on page 18) proportional to the output current. Since a sense resistor is not present, the output DC current is measured by using the intrinsic resistance of the inductance (a few m Ω). So the low-pass filtered inductor voltage (that is the inductor current) is added to the feedback signal, implementing the droop function in a simple way. Referring to the schematic in Figure 9, the static characteristic of the closed loop system is: Equation 13 Where VPROG is the output voltage of the digital to analog converter (i.e. the set point) and RL is the inductance resistance. The second term of the equation allows a positive offset at zero load ( ∆V+); the third term introduces the droop effect (∆V DROOP). Note that the droop effect is equal the ESR drop if: Equation 14 Figure 9. Compensation network V OUT V PROG V PROG R3 R8 // R9 + R2 ------------------------------------- R L R8 // R9 ⋅ R8 ---------------------------------- I OUT ⋅ – ⋅ + = R L R8 // R9 ⋅ R8 ---------------------------------- ESR = C1 8 C2 0 R 4 R3 R9 L2 ES R C6 - 1 5 R8 R2 PW M C2 5 V IN V PRO G R L Z F Z I V OU T V P H ASE V CO M P |