データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6924U データシート(PDF) 31 Page - STMicroelectronics

部品番号 L6924U
部品情報  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U データシート(HTML) 31 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 27Page - STMicroelectronics L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics L6924U Datasheet HTML 31Page - STMicroelectronics L6924U Datasheet HTML 32Page - STMicroelectronics L6924U Datasheet HTML 33Page - STMicroelectronics L6924U Datasheet HTML 34Page - STMicroelectronics L6924U Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
L6924U
Additional applications information
31/38
The VOSNS pin can be used as a remote sense; so, it should be connected as closely as
possible to the battery. The demonstration board layout and schematic are shown in
Figure 24
and Figure 25.
Figure 22.
Thermal image of the demonstration board
Figure 23.
Demonstration board layout, top side
Figure 24.
Demonstration board layout, bottom side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38