| データシートサーチシステム |
|
TDA7342 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7342 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() TDA7342 Software specification 13/20 4.3 Transmitted data ZM = Zero crossing muted (HIGH active) SM = Soft mute activated (HIGH active) X = Not used The transmitted data is automatically updated after each ACK. Transmission can be repeated without new chip address. 4.4 Data byte specification X = not relevant; set to "1" during testing For example to select the IN 2 input with a gain of 7.5dB the Data Byte is: X X 1 0 1 0 0 1 Table 6. Send mode MSB LSB X X X X X SM ZM X Table 7. Input selector MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 0 0 not used 0 1 0 0 1 IN 2 0 1 0 1 0 IN 1 0 1 0 1 1 AM mono 0 1 1 0 0 not used 0 1 1 0 1 not used 0 1 1 1 0 not allowed 0 1 1 1 1 not allowed 0 1 0 0 11.25dB gain 0 1 0 1 7.5dB gain 0 1 1 0 3.75dB gain 0 1 1 1 0dB gain 0 0dB differential input gain (IN3) 1 -6dB differential input gain (IN3) |