データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB210NF02-1 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STB210NF02-1
部品情報  N-CHANNEL 20V - 0.0026 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB210NF02-1 データシート(HTML) 6 Page - STMicroelectronics

Back Button STB210NF02-1 Datasheet HTML 2Page - STMicroelectronics STB210NF02-1 Datasheet HTML 3Page - STMicroelectronics STB210NF02-1 Datasheet HTML 4Page - STMicroelectronics STB210NF02-1 Datasheet HTML 5Page - STMicroelectronics STB210NF02-1 Datasheet HTML 6Page - STMicroelectronics STB210NF02-1 Datasheet HTML 7Page - STMicroelectronics STB210NF02-1 Datasheet HTML 8Page - STMicroelectronics STB210NF02-1 Datasheet HTML 9Page - STMicroelectronics STB210NF02-1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STB210NF02/-1 STP210NF02
6/14
Thermal Resistance Rthj-a vs PCB Copper Area
Max Power Dissipation vs PCB Copper Area
Allowable Iav vs. Time in Avalanche
The previous curve gives the safe operating area for unclamped inductive loads, single pulse or repetitive,
under the following conditions:
PD(AVE) = 0.5 * (1.3 * BVDSS * IAV)
EAS(AR) = PD(AVE) * tAV
Where:
IAV is the Allowable Current in Avalanche
PD(AVE) is the Average Power Dissipation in Avalanche (Single Pulse)
tAV is the Time in Avalanche
To derate above 25 oC, at fixed IAV, the following equation must be applied:
IAV = 2 * (Tjmax - TCASE)/ (1.3 * BVDSS * Zth)
Where:
Zth = K * Rth is the value coming from Normalized Thermal Response at fixed pulse width equal to TAV .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14