データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0107MN5AL2 データシート(PDF) 8 Page - STMicroelectronics

部品番号 Z0107MN5AL2
部品情報  1 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MN5AL2 データシート(HTML) 8 Page - STMicroelectronics

  Z0107MN5AL2 Datasheet HTML 1Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 2Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 3Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 4Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 5Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 6Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 7Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 8Page - STMicroelectronics Z0107MN5AL2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision History
Z01
8/9
5
Revision History
Date
Revision
Description of Changes
Oct-2001
4
Last update.
10-Feb-2005
5
Package: TO-92 tape and reel delivery mode 5AL2 added.
09-May-2005
6
Table 4 on page 2: typo. mistake corrected
1. (dV/dt)c instead of (dI/dt)c
2. V/µs unit instead of A/ms
21-Apr-2006
7
Reformatted to current standard. Table 2 on page 2: Typo
corrected. Values for IGT split into two separate rows.
10-Oct-2006
8
Table 2: modified test conditions for (dV/dt)c. Changed “ambient”
to “lead or tab” in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9