データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMXYY データシート(PDF) 15 Page - Advanced Analogic Technologies

部品番号 AMXYY
部品情報  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AMXYY データシート(HTML) 15 Page - Advanced Analogic Technologies

Back Button AMXYY Datasheet HTML 8Page - Advanced Analogic Technologies AMXYY Datasheet HTML 9Page - Advanced Analogic Technologies AMXYY Datasheet HTML 10Page - Advanced Analogic Technologies AMXYY Datasheet HTML 11Page - Advanced Analogic Technologies AMXYY Datasheet HTML 12Page - Advanced Analogic Technologies AMXYY Datasheet HTML 13Page - Advanced Analogic Technologies AMXYY Datasheet HTML 14Page - Advanced Analogic Technologies AMXYY Datasheet HTML 15Page - Advanced Analogic Technologies AMXYY Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
15
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
15
www .analogictech.com
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means semiconductor
products that are in compliance with current RoHS standards, including the requirement that lead not
exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at
http://www.analogictech.com/pbfree.
Package Information
SOT23-5
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
All measurements in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com