| データシートサーチシステム |
|
ST6208BN3/OTP データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208BN3/OTP データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 50/104 8-BIT TIMER (Cont’d) 8.2.5 Low Power Modes 8.2.6 Interrupts Mode Description WAIT No effect on timer. Timer interrupt events cause the device to exit from WAIT mode. STOP Timer registers are frozen except in Event Counter mode (with external clock on TIM- ER pin). Interrupt Event Event Flag Enable Bit Exit from Wait Exit from Stop Timer Zero Event TMZ ETI Yes Yes 1 |