| データシートサーチシステム |
|
M54HC157D データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC157D データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() M54HC157 4/9 Table 5: DC Specifications * : Applicable only to DIR, G, G input Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr =tf = 6ns) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 VOH High Level Output Voltage 2.0 IO=-20 µA 1.9 2.0 1.9 1.9 V 4.5 IO=-20 µA 4.4 4.5 4.4 4.4 6.0 IO=-20 µA 5.9 6.0 5.9 5.9 4.5 IO=-4.0 mA 4.18 4.31 4.13 4.10 6.0 IO=-5.2 mA 5.68 5.8 5.63 5.60 VOL Low Level Output Voltage 2.0 IO=20 µA 0.0 0.1 0.1 0.1 V 4.5 IO=20 µA 0.0 0.1 0.1 0.1 6.0 IO=20 µA 0.0 0.1 0.1 0.1 4.5 IO=4.0 mA 0.17 0.26 0.33 0.40 6.0 IO=5.2 mA 0.18 0.26 0.33 0.40 II Input Leakage Current 6.0 VI =VCC or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 6.0 VI =VCC or GND 440 80 µA Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tTLH tTHL Output Transition Time 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 tPLH tPHL Propagation Delay Time (A, B - Y) 2.0 30 100 125 150 ns 4.5 12 20 25 30 6.0 10 17 21 26 tPLH tPHL Propagation Delay Time (SELECT - Y) 2.0 50 125 155 190 ns 4.5 16 25 31 38 6.0 14 21 26 32 tPLH tPHL Propagation Delay Time (STROBE -Y) 2.0 36 115 145 175 ns 4.5 12 23 29 35 6.0 10 20 25 30 |