データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4962 データシート(PDF) 42 Page - STMicroelectronics

部品番号 TS4962
部品情報  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 データシート(HTML) 42 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 38Page - STMicroelectronics TS4962 Datasheet HTML 39Page - STMicroelectronics TS4962 Datasheet HTML 40Page - STMicroelectronics TS4962 Datasheet HTML 41Page - STMicroelectronics TS4962 Datasheet HTML 42Page - STMicroelectronics TS4962 Datasheet HTML 43Page - STMicroelectronics TS4962 Datasheet HTML 44Page - STMicroelectronics TS4962 Datasheet HTML 45Page - STMicroelectronics TS4962 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
DFN8 package information
TS4962
42/46
7
DFN8 package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46