データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLM75DS2F データシート(PDF) 16 Page - STMicroelectronics

部品番号 STLM75DS2F
部品情報  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F データシート(HTML) 16 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 12Page - STMicroelectronics STLM75DS2F Datasheet HTML 13Page - STMicroelectronics STLM75DS2F Datasheet HTML 14Page - STMicroelectronics STLM75DS2F Datasheet HTML 15Page - STMicroelectronics STLM75DS2F Datasheet HTML 16Page - STMicroelectronics STLM75DS2F Datasheet HTML 17Page - STMicroelectronics STLM75DS2F Datasheet HTML 18Page - STMicroelectronics STLM75DS2F Datasheet HTML 19Page - STMicroelectronics STLM75DS2F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Functional description
STLM75
16/37
3
Functional description
The STLM75 registers have unique pointer designations which are defined in Table 5 on
page 17. Whenever any READ/WRITE operation to the STLM75 register is desired, the user
must “point” to the device register to be accessed.
All of these user-accessible registers can be accessed via the digital serial interface at
anytime (see Serial interface on page 20), and they include:
Command register/address pointer register
Configuration register
Temperature register
Over-limit signal temperature register (TOS)
Hysteresis temperature register (THYS)
3.1
Registers and register set formats
3.1.1
Command/pointer register
The most significant bits (MSBs) of the command register must always be zero. Writing a '1'
into any of these bits will cause the current operation to be terminated (Bit 2 through Bit 7
must be kept '0', see Table 4).
The command register retains pointer information between operations (see Table 5).
Therefore, this register only needs to be updated once for consecutive READ operations
from the same register. All bits in the command register default to '0' at power-up.
Table 4.
Command/pointer register format
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00
000
0
P1
P0
Pointer/register
select bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37