データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7449 データシート(PDF) 10 Page - STMicroelectronics

部品番号 TDA7449
部品情報  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 データシート(HTML) 10 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics TDA7449 Datasheet HTML 10Page - STMicroelectronics TDA7449 Datasheet HTML 11Page - STMicroelectronics TDA7449 Datasheet HTML 12Page - STMicroelectronics TDA7449 Datasheet HTML 13Page - STMicroelectronics TDA7449 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TDA7449
10/19
6.2 Incremental Bus
The TDA7449 receive a start conditions, the correct chip address, a subaddress with the B = 1 incremental
bus): now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from
"XXX1000" to "XXX1111" of DATA are ignored.
The DATA 1 concern the subaddress sent, and the DATA 2 concern the subaddress sent plus one in the
loop etc, and at the end it receivers the stop condition.
Figure 17.
Table 6. POWER ON RESET CONDITION
7
DATA BYTES
Address = 88 HEX (ADDR:OPEN).
Table 7. FUNCTION SELECTION: First byte (subaddress)
B = 1: INCREMENTAL BUS ACTIVE
B = 0: NO INCREMENTAL BUS
X = DON’T CARE
INPUT SELECTION
IN2
INPUT GAIN
28dB
VOLUME
MUTE
BASS
0dB
TREBLE
2dB
SPEAKER
MUTE
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
INPUT SELECT
X
X
X
B
0
0
0
1
INPUT GAIN
X
X
XB0
0
1
0
VOLUME
X
X
XB0
0
1
1
NOT ALLOWED
X
X
XB0
1
0
0
BASS
X
X
XB0
1
0
1
TREBLE
X
X
X
B
0
1
1
0
SPEAKER ATTENUATE "R"
X
X
X
B
0
1
1
1
SPEAKER ATTENUATE "L"
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU422
X
D3
SUBADDRESS
DATA 1 to DATA n
X
X
1
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com