| データシートサーチシステム |
|
M74HC133M1R データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC133M1R データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() M74HC133 2/9 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t Care ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°C to 85°C PIN No SYMBOL NAME AND FUNCTION 1 to 7, 10 to 15 A to G, H to M Data Inputs 9 Y Data Output 8 GND Ground (0V) 16 Vcc Positive Supply Voltage A B C D EF G H I JKL M Y L XXXXXXXXXX XX H X L XXXXXXXXX XX H X X L XXXXXXXX XX H X X X L XXXXXXX XX H X XXX L XXXXXX XX H X XXXX L XXXXX XX H X XXXXX L XXXX XX H X XXXXXX L XXX XX H X XXXXXXX L X X X X H X XXXXXXXX L X XX H X XXXXXXXXX L X X H X XXXXXXXXXX L X H X XXXXXXXXXX X L H H HHHHHHHHHH HH L Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C |