データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC165 データシート(PDF) 19 Page - STMicroelectronics

部品番号 M74HC165
部品情報  8-bit PISO shift register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 データシート(HTML) 19 Page - STMicroelectronics

Back Button M74HC165 Datasheet HTML 13Page - STMicroelectronics M74HC165 Datasheet HTML 14Page - STMicroelectronics M74HC165 Datasheet HTML 15Page - STMicroelectronics M74HC165 Datasheet HTML 16Page - STMicroelectronics M74HC165 Datasheet HTML 17Page - STMicroelectronics M74HC165 Datasheet HTML 18Page - STMicroelectronics M74HC165 Datasheet HTML 19Page - STMicroelectronics M74HC165 Datasheet HTML 20Page - STMicroelectronics M74HC165 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
M74HC165
Package mechanical data
19/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
8.4
8.6
0.331
0.339
Bo
6.7
6.9
0.264
0.272
Ko
2.9
3.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SSOP16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21