データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC6701DC2PR データシート(PDF) 2 Page - Torex Semiconductor

部品番号 XC6701DC2PR
部品情報  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DC2PR データシート(HTML) 2 Page - Torex Semiconductor

  XC6701DC2PR Datasheet HTML 1Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 2Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 3Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 4Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 5Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 6Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 7Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 8Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
XC6701 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTIONS
1
5
6
VIN
Power Input
2
2
5
VSS
Ground
3
4
2, 4
NC
No connection
4
3
3
CE
ON/OFF Control
5
1
1
VOUT
Output
PIN NUMBER
SOT-89
SOT-223
TO-252
PIN NAME
FUNCTIONS
3
3
1
VIN
Power Input
2
2
2
VSS
Ground
1
1
3
VOUT
Output
■PIN CONFIGURATION
■PIN ASSIGNMENT
* The dissipation pad for the USP-6C
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No. 5) pin.
●XC6701B Series
●XC6701D Series
SOT-25
(TOP VIEW)
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
SOT-223
(TOP VIEW)
TO-252
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32